Part Number Hot Search : 
CM6460 74ACT1 1N5248 0125B 8B103 AOTF8N50 4ACT5 HSR312L
Product Description
Full Text Search
 

To Download D1NC60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/9 december 2000 stD1NC60 n-channel 600v - 7 w - 1.4a - dpak/ipak powermesh?ii mosfet n typical r ds (on) = 7 w n extremely high dv/dt capability n 100% avalanche tested n new high voltage benchmark n gate charge minimized description the powermesh ? ii is the evolution of the first generation of mesh overlay ?. the layout re- finements introduced greatly improve the ron*area figure of merit while keeping the device at the lead- ing edge for what concerns swithing speed, gate charge and ruggedness. applications n high current, high speed switching n swith mode power supplies (smps) n dc-ac converters for welding equipment and uninterruptible power supplies and motor driver absolute maximum ratings (?)pulse width limited by safe operating area . type v dss r ds(on) i d stD1NC60 600 v < 8 w 1.4 a symbol parameter value unit v ds drain-source voltage (v gs = 0) 600 v v dgr drain-gate voltage (r gs = 20 k w ) 600 v v gs gate- source voltage 30 v i d drain current (continuos) at t c = 25c 1.4 a i d drain current (continuos) at t c = 100c 0.9 a i dm (1) drain current (pulsed) 5.6 a p tot total dissipation at t c = 25c 35 w derating factor 0.28 w/c dv/dt peak diode recovery voltage slope 3.5 v/ns t stg storage temperature C65 to 150 c t j max. operating junction temperature 150 c (1)i sd 1.4a, di/dt 100a/s, v dd v (br)dss , t j t jmax ipak 3 2 1 1 3 dpak to-251 to-252 internal schematic diagram
stD1NC60 2/9 thermal data avalanche characteristics electrical characteristics (tcase = 25 c unless otherwise specified) off on (1) dynamic rthj-case thermal resistance junction-case max 3.6 c/w rthj-amb thermal resistance junction-ambient max 100 c/w rthj-sink thermal resistance case-sink typ 1.5 c/w t l maximum lead temperature for soldering purpose 275 c symbol parameter max value unit i ar avalanche current, repetitive or not-repetitive (pulse width limited by t j max) 1.4 a e as single pulse avalanche energy (starting t j = 25 c, i d = i ar , v dd = 50 v) 70 mj symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 250 a, v gs = 0 600 v i dss zero gate voltage drain current (v gs = 0) v ds = max rating 1a v ds = max rating, t c = 125 c 10 a i gss gate-body leakage current (v ds = 0) v gs = 30v 100 na symbol parameter test conditions min. typ. max. unit v gs(th) gate threshold voltage v ds = v gs , i d = 250a 234v r ds(on) static drain-source on resistance v gs = 10v, i d = 0.7 a 78 w i d(on) on state drain current v ds > i d(on) x r ds(on)max, v gs =10v 1.4 a symbol parameter test conditions min. typ. max. unit g fs (1) forward transconductance v ds > i d(on) x r ds(on)max, i d = 0.7a 1.25 s c iss input capacitance v ds = 25v, f = 1 mhz, v gs = 0 160 pf c oss output capacitance 26 pf c rss reverse transfer capacitance 3.8 pf
3/9 stD1NC60 electrical characteristics (continued) switching on switching off source drain diode note: 1. pulsed: pulse duration = 300 s, duty cycle 1.5 %. 2. pulse width limited by safe operating area. symbol parameter test conditions min. typ. max. unit t d(on) turn-on delay time v dd = 300v, i d = 0.7 a r g = 4.7 w v gs = 10v (see test circuit, figure 3) 8ns t r rise time 8 ns q g total gate charge v dd = 480v, i d = 1.4 a, v gs = 10v 8.5 11.5 nc q gs gate-source charge 2.8 nc q gd gate-drain charge 2.8 nc symbol parameter test conditions min. typ. max. unit t r(voff) off-voltage rise time v dd = 480v, i d = 1.4 a, r g =4.7 w, v gs = 10v (see test circuit, figure 5) 25 ns t f fall time 9 ns t c cross-over time 34 ns symbol parameter test conditions min. typ. max. unit i sd source-drain current 1.4 a i sdm (2) source-drain current (pulsed) 5.6 a v sd (1) forward on voltage i sd = 1.4 a, v gs = 0 1.6 v t rr reverse recovery time i sd = 1.4 a, di/dt = 100a/s, v dd = 100v, tj = 150c (see test circuit, figure 5) 500 ns q rr reverse recovery charge 950 nc i rrm reverse recovery current 3.8 a thermal impedance safe operating area
stD1NC60 4/9 transconductance gate charge vs gate-source voltage capacitance variations static drain-source on resistance output characteristics transfer characteristics
5/9 stD1NC60 source-drain diode forward characteristics normalized on resistance vs temperature normalized gate thereshold voltage vs temp.
stD1NC60 6/9 fig. 5: test circuit for inductive load switching and diode recovery times fig. 4: gate charge test circuit fig. 2: unclamped inductive waveform fig. 1: unclamped inductive load test circuit fig. 3: switching times test circuit for resistive load
7/9 stD1NC60 dim. mm inch min. typ. max. min. typ. max. a 2.2 2.4 0.086 0.094 a1 0.9 1.1 0.035 0.043 a3 0.7 1.3 0.027 0.051 b 0.64 0.9 0.025 0.031 b2 5.2 5.4 0.204 0.212 b3 0.85 0.033 b5 0.3 0.012 b6 0.95 0.037 c 0.45 0.6 0.017 0.023 c2 0.48 0.6 0.019 0.023 d 6 6.2 0.236 0.244 e 6.4 6.6 0.252 0.260 g 4.4 4.6 0.173 0.181 h 15.9 16.3 0.626 0.641 l 9 9.4 0.354 0.370 l1 0.8 1.2 0.031 0.047 l2 0.8 1 0.031 0.039 a c2 c a3 h a1 d l l2 l1 1 3 = = b3 b b6 b2 e g = = = = b5 2 to-251 (ipak) mechanical data 0068771-e
stD1NC60 8/9 dim. mm inch min. typ. max. min. typ. max. a 2.20 2.40 0.087 0.094 a1 0.90 1.10 0.035 0.043 a2 0.03 0.23 0.001 0.009 b 0.64 0.90 0.025 0.035 b2 5.20 5.40 0.204 0.213 c 0.45 0.60 0.018 0.024 c2 0.48 0.60 0.019 0.024 d 6.00 6.20 0.236 0.244 e 6.40 6.60 0.252 0.260 g 4.40 4.60 0.173 0.181 h 9.35 10.10 0.368 0.398 l2 0.8 0.031 l4 0.60 1.00 0.024 0.039 v2 0 o 8 o 0 o 0 o p032p_b to-252 (dpak) mechanical data
9/9 stD1NC60 information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsib ility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectroni cs. specifi cation mentio ned in this publication are subject to change without notice. this publication supersedes and replaces all in formation previou sly supplied. stmicroe lectron ics products are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectron ics. the st logo is a trademark of stmicroelectronics ? 2000 stmicroelectronics C pr inted in italy C all rights reserved stmicroelectronics group of companies australia - brazil - china - finland - france - germany - hong kong - india - italy - japan - malay sia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - u.s.a. http://www.st.com


▲Up To Search▲   

 
Price & Availability of D1NC60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X